Part Number Hot Search : 
1J222ME 4412FNH B1361 AN694 BU2520 2GAG2 8F445 30PBF
Product Description
Full Text Search
 

To Download NTE1529 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1529 Integrated Circuit Dual OP Amp
Description: The NTE1529 is a dual operational Amplifier with a phase compensation circuit built-in. It is suited for application to various electronic circuits such as active filters and audio preamplifiers. Features: D Phase Compensation Circuit D High Gain, Low Noise D Output Short-Circuit Protection D Two Circuits Symmetrically Arranged in 9-Lead plastic SIP Package Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Voltage, Supply Voltage, VCC, VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Differential Input Voltage, VID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Common-Mode Input Voltage, VICM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Electrical Characteristics: (VCC = 15V, VEE = -15V, TA = +25C unless otherwise specified)
Parameter Input Offset Voltage Input Offset Current Input Bias Current Voltage Gain Maximum Output Voltage Common-Mode Input Voltage Width Common-Mode Rejection Ratio Supply Voltage Rejection Ratio Power Consumption Slew Rate Input Referred Noise Voltage Symbol VI(offset) I10 IBIAS GV VO(max) VCM CMR SVR PC SR Vni RL = RL 2k Rs = 1k, B = 10Hz 30kHz RL 2k, VO = 10V RL 10k RL 2k Test Conditions RS 10k Min - - - 86 12 10 12 70 - - - - Typ 0.5 5 - 100 14 13 14 90 30 90 1.0 2.5 Max 6 200 500 - - - - - 150 170 - - Unit mV nA nA dB V V V dB V/V mW V/s Vrms
Pin Connection Diagram (Front View)
9 VCC 8 VO 2 7 VIN (-) 2 6 VIN (+) 2 5 VEE 4 VIN (+) 1 3 VIN (-) 1 2 VO 1 1 VCC
.126 (3.2)
.906 (23.0) Max
.323 (8.2) Max
1
9
.100 (2.54)
.020 (0.50) .800 (20.3)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1529

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X